Part Number Hot Search : 
ADP1877 68HC08 10ABQ8 BUH1015 2SC4082 M2015 EGP20K TLP180
Product Description
Full Text Search
 

To Download 2SC4793 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC4793 description ? with to-220f package ? complement to type 2sa1837 ? high transition frequency applications ? power amplifier applications ? driver stage amplifier applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 230 v v ceo collector-emitter voltage open base 230 v v ebo emitter-base voltage open collector 5 v i c collector current 1 a i b base current 0.1 a t c =25 ?? 20 p c collector dissipation t a =25 ?? 2.0 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220f) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC4793 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ; i b =0 230 v v cesat collector-emitter saturation voltage i c =0.5a i b =50ma 1.5 v v be base-emitter voltage i c =0.5a ; v ce =5v 1.0 v i cbo collector cut-off current v cb =230v; i e =0 1.0 | a i ebo emitter cut-off current v eb =5v; i c =0 1.0 | a h fe dc current gain i c =0.1a ; v ce =5v 100 320 c ob output capacitance i e =0; v cb =10v;f=1mhz 20 pf f t transition frequency i c =0.1a ; v ce =10v 100 mhz
inchange semiconductor product specification 3 silicon npn power transistors 2SC4793 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon npn power transistors 2SC4793


▲Up To Search▲   

 
Price & Availability of 2SC4793

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X